|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 9MHz Bandwidth Part Number:LBN09012 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size Unit MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec Minimum 89.9 9.35 50 Typical 90 25.6 9.16 9.39 10.17 10.23 10.28 10.32 10.37 0.8 3.72 54 -8.46 25 Maximum 90.1 27 9.45 10.2 10.6 11.4 19.4 1 4 - dB KHz/C C DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show Matching Configuration C1=82pF Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09012 2006-3-20 1.0 Page 1/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 9MHz Bandwidth Part Number:LBN09012 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 35.000.5 12.800.5 4.7 4.5 0.450.05 2.540.2 7.620.2 3 6 2 1 4 5 25.400.2 2.540.2 Input:1 Output:5 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09012 2006-3-20 1.0 Page 2/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 9MHz Bandwidth Part Number:LBN09012 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond -25.5983 Passband Respond -21 -22 -35.5983 -23 -45.5983 -24 -55.5983 -25 -65.5983 -26 -75.5983 -27 -85.5983 -28 -29 -95.5983 -30 -105.5983 78 81 84 87 90 93 96 99 102 85 86 87 88 89 90 91 92 93 94 95 Group Delay Variation(f04.5MHz) Phase Linearity(f04.5MHz) Smith Chart S11 Smith Chart S22 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09012 2006-3-20 1.0 Page 3/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN09012 |